|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Features * * * * * * * * * * * Organized as 2M x 8 bits Single 3.3V Power Supply Stacks of 16 SRAM 128K x 865609E Die Access Time: 40 ns Very Low Power Consumption - Active: 100 mW (Typ) - Standby: 1 mW (Typ) TTL-Compatible Inputs and Outputs Die Designed on 0.35 Micron Process Latch-up Immune 200 Krads (TM1019.5) Wide Temperature Range 55C to +125C Built and Tested by 3D+, using 3D+ Die Stacking Technology Description The AT61162E is a Rad Tolerant module, highly-integrated and very low-power CMOS static RAM organized as 2M x 8 bits. It is organized with 16 banks of 1 Mbit. Each bank has a 8-bit interface and is selected with 16 specific CS: 0 - 15. Banks are selectable by pairs with 8 specific BS: 0 - 7. This module takes full benefit of the 3D+ cube technology, and it is assembled and tested by 3D+, using Atmel 65609E 1-Mbit SRAM die: it is built with 8 layers, each one housing 2 dies. 10 nF decoupling capacitors are embedded for each memory die. This module brings the solution to applications where fast computing is as mandatory as low power consumption, for example: space electronics, portable instruments, or embarked systems. AT61162E is processed according to the methods of the latest revision of the MIL PRF 38535, QML N (QML Q counterpart for plastic). The package is a 64 gull wing pins dual in line, 11 mm wide, 28 mm long and 14.3 mm height and 0.8 mm pin pitch. Rad Hard 2-Mbit x 8 SRAM Cube AT61162E Preliminary Rev. 4157B-AERO-06/02 Block Diagram CS0.0 CS0.1 BS0 CS1.0 CS1.1 BS1 CS7.0 CS7.1 BS7 Bank 0 I/O (0:7) A (0:16) WE OE I/O (0:7) A (0:16) WE OE I/O (0:7) A (0:16) WE OE CS1 CS2 Chip 0 Chip 1 CS1 CS2 Bank 1 I/O (0:7) A (0:16) WE OE Chip 1 CS1 CS2 Bank 7 I/O (0:7) A (0:16) WE OE Chip 1 CS1 CS2 I/O (0:7) A (0:16) WE OE CS1 CS2 Chip 0 I/O (0:7) A (0:16) WE OE CS1 CS2 Chip 0 Pin Configuration CS 7.0 CS 6.0 CS 5.0 CS 4.0 CS 3.0 CS 2.0 CS 1.0 CS 0.0 CS 0.1 CS 1.1 CS 2.1 CS 3.1 CS 4.1 CS 5.1 CS 6.1 CS 7.1 BS BS BS BS BS BS BS BS 7 6 5 4 3 2 1 0 2 AT61162E 4157B-AERO-06/02 AT61162E Pin Description Pin Name AO - A16 WE OE CS 0.0 - CS 7.1 BS0 - BS7 I/O0 - I/O7 Function Address Inputs Write Enable Output Enable Chip Select 1 Chip Select 2 Data Inputs/Outputs 3.3V Power Ground No Connection VCC GND NC Truth Table CSx.x All CS H BSx - WE - OE - Inputs/ Outputs Z Mode Deselect/ Power-down Deselect/ Power-down - CS y.z: L Other CS: H CS y.z: L CS y.z: H Other CS: - CS y.z: L Other CS: H CS y.z: L CS y.z: H Other CS: - CS y.z: L Other CS: H CS y.z: L CS y.z: H Other CS: - All BS L BSy: H Other BS: - - - Z H BSy: H Other BS: L BSy: H Other BS: - L BSy: H Other BS: L BSy: H Other BS: - H BSy: H Other BS: L L Data out Read (Bank y.z selected) - Data in Write (Bank y.z selected) H Z Output Disable 3 4157B-AERO-06/02 Electrical Characteristics Absolute Maximum Ratings* Supply Voltage to GND Potential ............................ 0.5 to +5V DC Input Voltage GND ........................... GND -0.3 to VCC0.3V DC Output Voltage high-Z-State GND ... GND -0.3 to VCC+0.3V Storage Temperature ......................................... -65 to +150C Output Current into Outputs (Low)................................. 20 mA Electro Statics Discharge Voltage (MIL STD 883D method 3015.3).................................. >1500V *Note: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Operating Range Operating Temperature Military -55C to 125C Operating Voltage 3.3V 0.3V Recommended DC Operating Conditions Parameter Description Supply Voltage Ground Input High Voltage Input Low Voltage Min 3 0 2.2 GND-0.3 Typ 3.3 0 0.0 Max 3.6 0 Units V V V V VCC Gnd V IH V IL VCC+0.3 0.8 Capacitance Parameter C IN(1) C OUT (1) Description Input Low Voltage Output High Voltage Min Typ Max 8 8 Unit pF pF Note: 1. Guaranteed but not tested. 4 AT61162E 4157B-AERO-06/02 AT61162E DC Parameters Parameter IIX (1) Description Input Leakage Current Output Leakage Current Output Low Voltage Output High Voltage Min -16 -16 2.4 Typ - Max 16 16 0.4 - Unit A A V V IOZ (1) V OL (2) V OH (3) 1. 2. 3. Gnd < V IN < VCC, Gnd < VOUT < VCC Output Disabled. VCC min. IOL = 1 mA. VCC min. IOH = -0.5 mA. Consumption Symbol ICCSB ICCSB1 ICCOP (1) Description Standby Supply Current Standby Supply Current Dynamic Operating Current 61162E-35 40 32 90 Unit mA mA mA Value max max max (2) (3) 1. 2. 3. CS0.0 - CS7.1 > VIH or BS0 - BS7 < V IL and CS0.0 - CS7.1 < VIL. CS0.0 > VCC - 0.3V or, BS0 - BS7 < Gnd + 0.3V and CS0.0 - CS7.1 < 0.2V One bank active (F = 1/TAVAV, IOUT = 0 mA, W = OE = VIH, VIN = Gnd/VCC, VCC max.), other banks stand by TTL (note 1) or CMOS (note 2). 5 4157B-AERO-06/02 Write Cycle Symbol tAVAW tAVWL tAVWH tDVWH tE1LWH tE2HWH tWLQZ tWLWH tWHAX tWHDX tWHQX Parameter Write cycle time Address set-up time Address valid to end of write Data set-up time CS1 low to write end CS2 high to write end Write low to high-Z (1) Write pulse width Address hold from to end of write Data hold time Write high to low-Z (1) 61162E-40 40 0 35 35 35 35 20 35 +3 0 0 Unit ns ns ns ns ns ns ns ns ns ns ns Value min min min min min min max min min min min Note: 1. Parameters guaranteed, not tested, with output loading 5 pF (see 1b in Figure: AC Test Loads Waveforms). Read Cycle Symbol tAVAV tAVQV tAVQX tE1LQV tE1LQX tE1HQZ tE2HQV tE2HQX tE2LQZ tGLQV tGLQX tGHQZ Parameter Read cycle time Address access time Address valid to low-Z Chip-select1 access time CS1 low to low-Z (1) CS1 high to high-Z (1) Chip-select2 access time CS2 high to low-Z (1) CS2 low to high-Z (1) Output Enable access time OE low to low-Z (1) OE high to high-Z (1) 61162E-40 40 40 3 40 3 20 40 3 20 15 0 10 Unit ns ns ns ns ns ns ns ns ns ns ns ns Value min max min max min max max min max max min max Note: 1. Parameters guaranteed, not tested, with output loading 5 pF (see 1b in page Figure: AC Test Loads Waveforms). 6 AT61162E 4157B-AERO-06/02 AT61162E AC Parameters AC Test Conditions Input Pulse Levels: ....................................................... GND to 3.0V Input Rise/Fall Times: .................................................. 5 ns Input Timing Reference Levels: ................................... 1.5V Output Loading IOL/IOH (see figures 1a and 1b)............ +30 pF AC Test Loads Waveforms R1 2552 3.3V R1 2552 3.3V 2824 2824 Figure 1a Figure 1b Figure 2 1340 7 4157B-AERO-06/02 Data Retention Mode Atmel CMOS RAM's are designed with battery backup in mind. Data retention voltage and supply current are guaranteed over temperature. The following rules ensure data retention: 1. During data retention CS must be held high within VCC to VCC -0.2V or, chip select BS must be held down within GND to GND +0.2V. 2. Output Enable (OE) should be held high to keep the RAM outputs high impedance, minimizing power dissipation. 3. During power up and power down transitions CS and OE must be kept between VCC + 0.3V and 70% of VCC, or with BS between GND and GND -0.3V. 4. The RAM can begin operation > TR ns after VCC reaches the minimum operation voltages (3V). Timing 3V 3V BS Data Retention Characteristics Parameter VCCDR tCDR tR ICCDR1 (2) Notes: Description VCC for data retention Chip deselect to data retention time Operation recovery time Data retention current at 2.0V 1. TAVAV = Read Cycle Time 2. All CS = VCC or All BS = CS = GND, V IN = Gnd/V CC. Min 2.0 0.0 tAVAV(1) - Typical TA = 25C - - - 0.160 Max - - - 16 Unit V ns ns mA 8 AT61162E 4157B-AERO-06/02 AT61162E Figure 1. Write Cycle 1. W Controlled, OE High During Write Figure 2. Write Cycle 2. W Controlled, OE Low 9 4157B-AERO-06/02 Figure 3. Write Cycle 3. CS1 or CS2 Controlled Note: The internal write time of the memory is defined by the overlap of CS1 Low and CS2 HIGH and WE LOW. Both signals must be activated to initiate a write and either signal can terminate a write by going in actived. The data input setup and hold timing should be referenced to the activated edge of the signal that terminates the write. Data out is high impedance if OE = VIH. Figure 4. Read Cycle nb 1 Figure 5. Read Cycle nb 2 10 AT61162E 4157B-AERO-06/02 AT61162E Figure 6. Read Cycle nb 3 D 11 4157B-AERO-06/02 Test Tools Supplier ENPLAS Reference Number OTS - 64 - 0.8 - 04 Ordering Information Reference Number AT61162E-PM40MMN AT61162E-PM40M-E Temperature Range -55 to +125C 25C Speed 40 ns 40 ns Package Cube 64 pins Cube 64 pins Quality Flow QML N Engineering Samples 12 AT61162E 4157B-AERO-06/02 AT61162E Package Drawing Dimensions (mm) A D D1 E F e e1 Min 14.0 13.60 10.75 27.80 7.5 0.80 0.35 Max 14.60 13.80 11.15 28.20 13 4157B-AERO-06/02 Atmel Headquarters Corporate Headquarters 2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 487-2600 Atmel Operations Memory 2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 436-4314 RF/Automotive Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany TEL (49) 71-31-67-0 FAX (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TEL 1(719) 576-3300 FAX 1(719) 540-1759 Europe Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland TEL (41) 26-426-5555 FAX (41) 26-426-5500 Microcontrollers 2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France TEL (33) 2-40-18-18-18 FAX (33) 2-40-18-19-60 Asia Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimhatsui East Kowloon Hong Kong TEL (852) 2721-9778 FAX (852) 2722-1369 Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France TEL (33) 4-76-58-30-00 FAX (33) 4-76-58-34-80 ASIC/ASSP/Smart Cards Zone Industrielle 13106 Rousset Cedex, France TEL (33) 4-42-53-60-00 FAX (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TEL 1(719) 576-3300 FAX 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland TEL (44) 1355-803-000 FAX (44) 1355-242-743 Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan TEL (81) 3-3523-3551 FAX (81) 3-3523-7581 literature@atmel.com Web Site http://www.atmel.com (c) Atmel Corporation 2002. Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems. ATMEL (R) is a registered trademark of Atmel. Other terms and product names may be the trademarks of others. Printed on recycled paper. 4157B-AERO-06/02 /xM |
Price & Availability of AT61162ENBSP |